| データシートサーチシステム |
|
USB7016/KDX データシート(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7016/KDX データシート(HTML) 22 Page - Microchip Technology |
|
22 / 59 page ![]() USB7016 DS00003740A-page 22 2021 Microchip Technology Inc. PRT_CTL5 I/O12 (PU) Port 5 power enable / overcurrent sense When the downstream port is enabled, this pin is set as an input with an internal pull-up resistor applied. The internal pull-up enables power to the downstream port while the pin monitors for an active low overcurrent signal assertion from an external current monitor on USB port 5. This pin will change to an output and be driven low when the port is disabled by configuration or by the host control. Note: This signal controls both the USB 2.0 and USB 3.2 por- tions of the port. Note 3-5 This pin can be left unused only if Port 5 is disabled via strap/OTP/SMBus/SPI configuration. Float (Note 3-5) PRT_CTL4 I/O12 (PU) Port 4 power enable / overcurrent sense When the downstream port is enabled, this pin is set as an input with an internal pull-up resistor applied. The internal pull-up enables power to the downstream port while the pin monitors for an active low overcurrent signal assertion from an external current monitor on USB port 4. This pin will change to an output and be driven low when the port is disabled by configuration or by the host control. Note: When PortSplit is disabled, this signal controls both the USB 2.0 and USB 3.2 portions of the port. When PortSplit is enabled, this signal controls the USB 2.0 portion of the port only. Note 3-6 This pin can be left unused only if Port 4 is disabled via strap/OTP/SMBus/SPI configuration. Float (Note 3-6) PRT_CTL3 I/O12 (PU) Port 3 power enable / overcurrent sense When the downstream port is enabled, this pin is set as an input with an internal pull-up resistor applied. The internal pull-up enables power to the downstream port while the pin monitors for an active low overcurrent signal assertion from an external current monitor on USB port 3. This pin will change to an output and be driven low when the port is disabled by configuration or by the host control. Note: When PortSplit is disabled, this signal controls both the USB 2.0 and USB 3.2 portions of the port. When PortSplit is enabled, this signal controls the USB 2.0 portion of the port only. Note 3-7 This pin can be left unused only if Port 3 is disabled via strap/OTP/SMBus/SPI configuration. Float (Note 3-7) TABLE 3-6: PROGRAMMABLE FUNCTIONS DESCRIPTIONS (CONTINUED) Function Buffer Type Description If Unused |