| データシートサーチシステム |
|
USB7016/KDX データシート(PDF) 54 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7016/KDX データシート(HTML) 54 Page - Microchip Technology |
|
54 / 59 page ![]() USB7016 DS00003740A-page 54 2021 Microchip Technology Inc. FIGURE 10-3: 100-VQFN PACKAGE (LAND-PATTERN) RECOMMENDED LAND PATTERN Dimension Limits Units C2 Optional Center Pad Width Contact Pad Spacing Optional Center Pad Length Contact Pitch Y2 X2 8.10 8.10 MILLIMETERS 0.40 BSC MIN E MAX 11.70 Contact Pad Length (X100) Contact Pad Width (X100) Y1 X1 1.05 0.20 Microchip Technology Drawing C04-2407A NOM SILK SCREEN 1 2 100 C1 C2 E X1 Y1 G1 Y2 X2 C1 Contact Pad Spacing 11.70 Contact Pad to Center Pad (X100) G1 0.20 Thermal Via Diameter V Thermal Via Pitch EV 0.33 1.20 ØV EV EV BSC: Basic Dimension. Theoretically exact value shown without tolerances. Notes: Dimensioning and tolerancing per ASME Y14.5M For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during reflow process 1. 2. |