| データシートサーチシステム |
|
EVK-R4 データシート(PDF) 23 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
EVK-R4 データシート(HTML) 23 Page - u-blox AG |
|
23 / 31 page ![]() EVK-R4 - User guide UBX-16029216 - R08 Appendix Page 23 of 31 C1-Public 4. Select Qualcomm HS-USB Modem 90B2 #X (X=11 in the picture) 5. Enter the modem telephone number (*99***1#), select Allow other people to use this connection. ☞ Consult the cellular mobile network operator for the username and the password. In most cases, these can be left empty. 6. From the “Device Manager”, select the modem Qualcomm HS-USB Modem 90B2 under use and right click to show the “Properties” window: Add AT&S0 on the “Extra Initialization Command” line and click OK. Then click Connect to finalize the procedure. |