| データシートサーチシステム |
|
PL-USB2-BLASTER データシート(PDF) 17 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
PL-USB2-BLASTER データシート(HTML) 17 Page - Intel Corporation |
|
17 / 17 page ![]() A.2. Certification Statements A.2.1. RoHS Compliance The table below lists hazardous substances included with the download cable. A value of 0 indicates that the concentration of the hazardous substance in all homogeneous materials in the parts is below the relevant threshold as specified by the SJ/T11363-2006 standard. Table 9. Hazardous Substances and Concentration Part Name Lead (Pb) Cadmium (Cd) Hexavelent Chromium (Cr6+) Mercury (Hg) Polybrominate d biphenyls (PBB) Polybrominate d diphenyl Ethers (PBDE) Electronic Components 0 0 0 0 0 0 Populated Circuit Board 0 0 0 0 0 0 Manufacturing Process 0 0 0 0 0 0 Packing 0 0 0 0 0 0 A.2.2. USB 2.0 Certification This product is USB 2.0 certified. A.2.3. CE EMI Conformity Caution This board is delivered conforming to relevant standards mandated by Directive 2004/108/EC. Because of the nature of programmable logic devices, it is possible for the user to modify the kit in such a way as to generate electromagnetic interference (EMI) that exceeds the limits established for this equipment. Any EMI caused as the result of modifications to the delivered material is the responsibility of the user. A. Additional Information UG-01150 | 2018.04.19 Send Feedback Intel FPGA Download Cable II User Guide 17 |