| データシートサーチシステム |
|
PL-USB2-BLASTER データシート(PDF) 2 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
PL-USB2-BLASTER データシート(HTML) 2 Page - Intel Corporation |
|
2 / 17 page ![]() Contents 1. Setting Up the Intel FPGA Download Cable II................................................................. 3 1.1. Supported Devices and Systems.............................................................................. 3 1.2. Power Source Requirements....................................................................................3 1.3. Software Requirements and Support........................................................................ 4 1.4. Installing the Intel FPGA Download Cable II for Configuration or Programming...............4 1.5. Installing the Intel FPGA Download Cable II Driver on Windows 7/8 Systems................. 5 1.6. Installing the Intel FPGA Download Cable II Driver on Linux Systems............................6 1.7. Installing the Intel FPGA Download Cable II Driver on Windows XP Systems.................. 7 1.8. Setting Up the Intel FPGA Download Cable II Hardware with the Quartus Prime Software............................................................................................................7 2. Intel FPGA Download Cable II Specifications.................................................................. 8 2.1. Voltage Requirements............................................................................................ 8 2.2. Cable-to-Board Connection..................................................................................... 8 2.3. Intel FPGA Download Cable II Plug Connection.......................................................... 9 2.4. 10-Pin Female Plug Signal Names and Programming Modes....................................... 10 2.5. Circuit Board Header Connection............................................................................11 2.6. Operating Conditions............................................................................................11 2.7. JTAG Timing Constraints and Waveforms.................................................................13 2.8. Changing the TCK Frequency.................................................................................14 A. Additional Information................................................................................................. 16 A.1. Document Revision History................................................................................... 16 A.2. Certification Statements....................................................................................... 17 A.2.1. RoHS Compliance.................................................................................... 17 A.2.2. USB 2.0 Certification................................................................................ 17 A.2.3. CE EMI Conformity Caution....................................................................... 17 Contents Intel FPGA Download Cable II User Guide Send Feedback 2 |