| データシートサーチシステム |
|
STM32G070KB データシート(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G070KB データシート(HTML) 33 Page - STMicroelectronics |
|
33 / 93 page ![]() DS12766 Rev 2 33/93 STM32G070CB/KB/RB Pinouts, pin description and alternate functions 35 -23 31 PB11 I/O FT_fa - SPI2_MOSI, USART3_RX, I2C2_SDA ADC_IN15 - 24 32 PB12 I/O FT_a - SPI2_NSS, TIM1_BKIN, TIM15_BKIN, EVENTOUT ADC_IN16 - 25 33 PB13 I/O FT_f - SPI2_SCK, TIM1_CH1N, USART3_CTS, TIM15_CH1N, I2C2_SCL, EVENTOUT - - 26 34 PB14 I/O FT_f - SPI2_MISO, TIM1_CH2N, USART3_RTS_DE_CK, TIM15_CH1, I2C2_SDA, EVENTOUT - - 27 35 PB15 I/O FT_c (3) SPI2_MOSI, TIM1_CH3N, TIM15_CH1N, TIM15_CH2, EVENTOUT RTC_REFIN 18 28 36 PA8 I/O FT_c (3) MCO, SPI2_NSS, TIM1_CH1, EVENTOUT - 19 29 37 PA9 I/O FT_fd (3) MCO, USART1_TX, TIM1_CH2, SPI2_MISO, TIM15_BKIN, I2C1_SCL, EVENTOUT - 20 30 38 PC6 I/O FT (3) TIM3_CH1 - - 31 39 PC7 I/O FT - TIM3_CH2 - -- 40 PD8 I/O FT - USART3_TX, SPI1_SCK/I2S1_CK - -- 41 PD9 I/O FT - USART3_RX, SPI1_NSS/I2S1_WS, TIM1_BKIN2 - 21 32 42 PA10 I/O FT_fd (3) SPI2_MOSI, USART1_RX, TIM1_CH3, TIM17_BKIN, I2C1_SDA, EVENTOUT - 22 33 43 PA11 [PA9](4) I/O FT_f (3) SPI1_MISO/I2S1_MCK, USART1_CTS, TIM1_CH4, TIM1_BKIN2, I2C2_SCL - 23 34 44 PA12 [PA10](4) I/O FT_f (3) SPI1_MOSI/I2S1_SD, USART1_RTS_DE_CK, TIM1_ETR, I2S_CKIN, I2C2_SDA - Table 11. Pin assignment and description (continued) Pin Number Pin name (function upon reset) Alternate functions Additional functions |