データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G070KB データシート(PDF) 37 Page - STMicroelectronics

部品番号 STM32G070KB
部品情報  Arm® Cortex®-M0 32-bit MCU, 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G070KB データシート(HTML) 37 Page - STMicroelectronics

Back Button STM32G070KB Datasheet HTML 33Page - STMicroelectronics STM32G070KB Datasheet HTML 34Page - STMicroelectronics STM32G070KB Datasheet HTML 35Page - STMicroelectronics STM32G070KB Datasheet HTML 36Page - STMicroelectronics STM32G070KB Datasheet HTML 37Page - STMicroelectronics STM32G070KB Datasheet HTML 38Page - STMicroelectronics STM32G070KB Datasheet HTML 39Page - STMicroelectronics STM32G070KB Datasheet HTML 40Page - STMicroelectronics STM32G070KB Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 93 page
background image
Table 13. Port B alternate function mapping
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
PB0
SPI1_NSS/
I2S1_WS
TIM3_CH3
TIM1_CH2N
-
USART3_RX
-
-
-
PB1
TIM14_CH1
TIM3_CH4
TIM1_CH3N
-
USART3_RTS
_DE_CK
-
-
EVENTOUT
PB2
-
SPI2_MISO
-
-
USART3_TX
-
-
EVENTOUT
PB3
SPI1_SCK/
I2S1_CK
TIM1_CH2
-
-
USART1_RTS
_DE_CK
-
-
EVENTOUT
PB4
SPI1_MISO/
I2S1_MCK
TIM3_CH1
-
-
USART1_CTS
TIM17_BKIN
-
EVENTOUT
PB5
SPI1_MOSI/
I2S1_SD
TIM3_CH2
TIM16_BKIN
-
-
-
I2C1_SMBA
-
PB6
USART1_TX
TIM1_CH3
TIM16_CH1N
-
SPI2_MISO
-
I2C1_SCL
EVENTOUT
PB7
USART1_RX
SPI2_MOSI
TIM17_CH1N
-
USART4_CTS
-
I2C1_SDA
EVENTOUT
PB8
-
SPI2_SCK
TIM16_CH1
-
USART3_TX
TIM15_BKIN
I2C1_SCL
EVENTOUT
PB9
IR_OUT
-
TIM17_CH1
-
USART3_RX
SPI2_NSS
I2C1_SDA
EVENTOUT
PB10
-
-
-
-
USART3_TX
SPI2_SCK
I2C2_SCL
-
PB11
SPI2_MOSI
-
-
-
USART3_RX
-
I2C2_SDA
-
PB12
SPI2_NSS
-
TIM1_BKIN
-
-
TIM15_BKIN
-
EVENTOUT
PB13
SPI2_SCK
-
TIM1_CH1N
-
USART3_CTS
TIM15_CH1N
I2C2_SCL
EVENTOUT
PB14
SPI2_MISO
-
TIM1_CH2N
-
USART3_RTS
_DE_CK
TIM15_CH1
I2C2_SDA
EVENTOUT
PB15
SPI2_MOSI
-
TIM1_CH3N
-
TIM15_CH1N
TIM15_CH2
-
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93