| データシートサーチシステム |
|
BOXSTK1AW32SC データシート(PDF) 3 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
BOXSTK1AW32SC データシート(HTML) 3 Page - Intel Corporation |
|
3 / 27 page ![]() Product Description 3 Preface This Technical Product Specification (TPS) specifies the layout, components, connectors, power and environmental requirements, and the BIOS for Intel Compute Stick STK1AW32SC and STK1A32SC. NOTE In this document, the use of “Intel Compute Stick” will refer to the STK1AW32SC and STK1A32SC versions of the Intel Compute Stick. Intended Audience The TPS is intended to provide detailed technical information about Intel Compute Stick STK1AW32SC and STK1A32SC and its components to the vendors, system integrators, and other engineers and technicians who need this level of information. It is specifically not intended for general audiences. What This Document Contains Chapter Description 1 A description of the hardware used on Intel Compute Stick STK1AW32SC and STK1A32SC 2 A map of the resources of the Intel Compute Stick 3 The features supported by the BIOS Setup program Typographical Conventions This section contains information about the conventions used in this specification. Not all of these symbols and abbreviations appear in all specifications of this type. Notes, Cautions, and Warnings NOTE Notes call attention to important information. CAUTION Cautions are included to help you avoid damaging hardware or losing data. |