| データシートサーチシステム |
|
BOXSTK1AW32SC データシート(PDF) 4 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
BOXSTK1AW32SC データシート(HTML) 4 Page - Intel Corporation |
|
4 / 27 page ![]() 4 Other Common Notation # Used after a signal name to identify an active-low signal (such as USBP0#) GB Gigabyte (1,073,741,824 bytes) GB/s Gigabytes per second Gb/s Gigabits per second KB Kilobyte (1024 bytes) Kb Kilobit (1024 bits) kb/s 1000 bits per second MB Megabyte (1,048,576 bytes) MB/s Megabytes per second Mb Megabit (1,048,576 bits) Mb/s Megabits per second TDP Thermal Design Power Xxh An address or data value ending with a lowercase h indicates a hexadecimal value. x.x V Volts. Voltages are DC unless otherwise specified. * This symbol is used to indicate third-party brands and names that are the property of their respective owners. |