データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM62100AGH データシート(PDF) 22 Page - ELAN Microelectronics Corp

部品番号 EM62100AGH
部品情報  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EMC [ELAN Microelectronics Corp]
ホームページ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH データシート(HTML) 22 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 18Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 19Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 20Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 21Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 22Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 23Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 24Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 25Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 26Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
16 •
•••
Product Specification (V1.1) 09.13.2005
(This specification is subject to change without further notice)
Page address Data
Line address
D3, D2, D1, D0
0, 0, 0, 0
D0
D1
D2
D3
D4
D5
D6
D7
D6
D7
0, 0, 0, 1
D3
D5
D4
D1
D2
D0
0, 0, 1, 0
D6
D7
D2
D4
D5
D3
D0
D1
D6
D7
0, 1, 0, 0
0, 0, 1, 1
D6
D2
D4
D5
D3
D0
D1
D7
D2
D4
D5
D3
D0
D1
D5
D7
D6
0, 1, 1, 0
0, 1, 0, 1
D6
D1
D3
D4
D2
D0
D7
D2
D4
D5
D3
D0
D1
D5
D7
D6
0, 1, 1, 1
D1
D3
D4
D2
D0
1, 0, 0, 0
D0
Page 0
Page 1
Page 2
Page 3
Page 4
Page 5
Page 6
Page 7
Page 8
ADC=0
ADC=1
Column
Address
LCD Output
0001020304050607
838281807F7E7D7C
83
82
81
7F80
00
01
02
03
04
00H
01H
02H
03H
04H
05H
06H
07H
08H
09H
0AH
0BH
0CH
0DH
0EH
0FH
1FH
1EH
1DH
1CH
1BH
1AH
19H
18H
17H
16H
15H
13H
14H
12H
11H
10H
2AH
2EH
2DH
2CH
2BH
24H
29H
28H
27H
26H
25H
23H
22H
21H
20H
2FH
30H
37H
3EH
38H
39H
3BH
3CH
3DH
3AH
32H
33H
35H
36H
34H
31H
3FH
com output
COM0
COM1
COM2
COM3
COM4
COM5
COM6
COM7
COM8
COM9
COM19
COM18
COM17
COM16
COM15
COM14
COM13
COM12
COM11
COM10
COM20
COM21
COM22
COM23
COM24
COM25
COM26
COM27
COM28
COM29
COM30
COM31
COM32
COM33
COM34
COM35
COM36
COM37
COM38
COM39
COM40
COM41
COM42
COM43
COM44
COM45
COM46
COM47
COM48
COM49
COM50
COM51
COM52
COM53
COM54
COM55
COM56
COM57
COM58
COM59
COM60
COM61
COM62
COM63
COMS
When the inti. display
line address is 1CH
Fig. 5 Display Data RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60