| データシートサーチシステム |
|
EM62100AGH データシート(PDF) 59 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM62100AGH データシート(HTML) 59 Page - ELAN Microelectronics Corp |
|
59 / 60 page ![]() EM62100 65 COM/132 SEG STN LCD Driver Product Specification (V1.1) 09.13.2005 •••• 53 (This specification is subject to change without further notice) 10.6 Application Circuit The MPU Interface (Reference Example) The EM62100 can be connected to either 80-Series MPU or 68-Series MPU. Using the serial interface makes it possible to operate the EM62100 series chips with fewer signal lines. The display area can be enlarged by integrating several EM62100 Series chips, after which, the chip select signal can be used to select the individual ICs to access. 10.6.1 8080-Series MPU Decoder DD V D0-D7 RDB WRB GND RDB RESB D0-D7 MPU /IORQ A1-A7 VCC RS CS1B,CS2 RS VCC RESB EM62100 M86 P/S /Reset WRB Fig. 12 |