| データシートサーチシステム |
|
MCIMX503CVM8B データシート(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MCIMX503CVM8B データシート(HTML) 8 Page - NXP Semiconductors |
|
8 / 136 page ![]() i.MX50 Applications Processors for Consumer Products, Rev. 7 Introduction Freescale Semiconductor 8 1.4 Part Number Feature Comparison Table 2 provides an overview of the feature differences between the i.MX50 part numbers. Table 2. Part Number Feature Comparison Part Number Disabled Features Comments MCIMX508 None MCIMX507 GPU MCIMX503 EPDC The i.MX503 has the same ball map and IOMUX as the i.MX508. The EPDC pins still exist on the i.MX503, but because the EPDC block is disabled, those pins cannot be used for EPDC functionality (ALT0) and must be configured in the IOMUX with another ALT-mode setting. MCIMX502 GPU, EPDC The i.MX502 has the same ball map and IOMUX as the i.MX508. The EPDC pins still exist on the i.MX502, but because the EPDC block is disabled, those pins cannot be used for EPDC functionality (ALT0) and must be configured in the IOMUX with another ALT-mode setting. |