| データシートサーチシステム |
|
1504-40C データシート(PDF) 2 Page - Data Delay Devices, Inc. |
|
|
|||||||||||||||||||||||||||||
1504-40C データシート(HTML) 2 Page - Data Delay Devices, Inc. |
|
2 / 2 page ![]() 1504 Doc #01006 DATA DELAY DEVICES, INC. 2 10/30/01 Tel: 973-773-2299 Fax: 973-773-9672 http://www.datadelay.com *.320 MAX for delays larger than 500ns .900 MAX. 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 .290 MAX.* .015 TYP. .070 MAX. .018 TYP. .700 ±.010 7 Equal spaces each .100 ±.010 Non-Accumulative .280 MAX. .350 MAX. .010 ±.002 Lead Material: Nickel-Iron alloy 42 TIN PLATE Package Dimensions PASSIVE DELAY LINE TEST SPECIFICATIONS TEST CONDITIONS INPUT: OUTPUT: Ambient Temperature: 25 oC ± 3oC Rload: 10M Ω Input Pulse: High = 3.0V typical Cload: 10pf Low = 0.0V typical Threshold: 50% (Rising & Falling) Source Impedance: 50 Ω Max. Rise/Fall Time: 3.0 ns Max. (measured at 10% and 90% levels) Pulse Width (TD <= 75ns): PWIN = 100ns Period (TD <= 75ns): PERIN = 1000ns Pulse Width (TD > 75ns): PWIN = 2 x TD Period (TD > 75ns): PERIN = 10 x TD NOTE: The above conditions are for test only and do not in any way restrict the operation of the device. Timing Diagram For Testing DRISE DFALL PERIN PWIN TRISE TFALL 10% 10% 50% 50% 90% 90% 50% 50% VIH VIL VOH VOL INPUT SIGNAL OUTPUT SIGNAL TRISE TFALL 10% 10% 90% 90% IN OUT OUT TRIG IN TRIG Test Setup DEVICE UNDER TEST (DUT) OSCILLOSCOPE PULSE GENERATOR 50 Ω ROUT RIN RIN = ROUT = ZLINE |