データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB4715 データシート(PDF) 39 Page - Microchip Technology

部品番号 USB4715
部品情報  USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4715 データシート(HTML) 39 Page - Microchip Technology

Back Button USB4715 Datasheet HTML 35Page - Microchip Technology USB4715 Datasheet HTML 36Page - Microchip Technology USB4715 Datasheet HTML 37Page - Microchip Technology USB4715 Datasheet HTML 38Page - Microchip Technology USB4715 Datasheet HTML 39Page - Microchip Technology USB4715 Datasheet HTML 40Page - Microchip Technology USB4715 Datasheet HTML 41Page - Microchip Technology USB4715 Datasheet HTML 42Page - Microchip Technology USB4715 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00002514B-page 39
USB4715
10.0 PACKAGE INFORMATION
Note:
Package offerings are currently under review and are subject to change.
* Standard device marking consists of Microchip part number, year code, week code and traceability code.
For device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.
For QTP devices, any special marking adders are included in QTP price.
Legend: i
Temperature range designator (Blank = commercial, i = industrial or
Grade 3 Automotive)
V
Automotive (Blank for non-automotive versions)
R
Product revision
nnn
Internal code
e3
Pb-free JEDEC® designator for Matte Tin (Sn)
V
Plant of assembly
COO Country of origin
YY
Year code (last two digits of calendar year)
WW Week code (week of January 1 is week ‘01’)
Note:
In the event the full Microchip part number cannot be marked on one line, it
will be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
48-VQFN (7x7 mm)
PIN 1
USB4715i
VRnnn e3
VCOO
YYWWNNN
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47