| データシートサーチシステム |
|
USB4715 データシート(PDF) 44 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB4715 データシート(HTML) 44 Page - Microchip Technology |
|
44 / 47 page ![]() USB4715 DS00002514B-page 44 2022 Microchip Technology Inc. and its subsidiaries PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: USB4715= 4 Downstream Ports, 1 Upstream Port Tape and Reel Option: Blank = Standard packaging (tray) T = Tape and Reel (Note 1) Temperature Range: Blank = 0C to +70C (Commercial) I = -40C to +85C (Industrial or Grade 3 Auto- motive)) Package: Y9X = 48-pin VQFN Automotive Code: Vxx = 3 character code with “V” prefix, specifying automotive product. Examples: a) USB4715/Y9X Tray, commercial 0C to+70C, 48-pin VQFN b) USB4715-I/Y9X Tray, -40C to+85C, 48-pin VQFN c) USB4715T-I/Y9XVxx Tape & reel, -40C to+85C, 48-pin VQFN, automotive Note 1:Tape and Reel identifier only appears in the catalog part number description. This identi- fier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. PART NO. Device Tape and Reel Option / Temperature Range XXX [X](1) X - Package XXX Automotive Code |