データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WCFS1016C1C データシート(PDF) 2 Page - Weida Semiconductor, Inc.

部品番号 WCFS1016C1C
部品情報  64K x 16 Static RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WEIDA [Weida Semiconductor, Inc.]
ホームページ  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCFS1016C1C データシート(HTML) 2 Page - Weida Semiconductor, Inc.

  WCFS1016C1C Datasheet HTML 1Page - Weida Semiconductor, Inc. WCFS1016C1C Datasheet HTML 2Page - Weida Semiconductor, Inc. WCFS1016C1C Datasheet HTML 3Page - Weida Semiconductor, Inc. WCFS1016C1C Datasheet HTML 4Page - Weida Semiconductor, Inc. WCFS1016C1C Datasheet HTML 5Page - Weida Semiconductor, Inc. WCFS1016C1C Datasheet HTML 6Page - Weida Semiconductor, Inc. WCFS1016C1C Datasheet HTML 7Page - Weida Semiconductor, Inc. WCFS1016C1C Datasheet HTML 8Page - Weida Semiconductor, Inc. WCFS1016C1C Datasheet HTML 9Page - Weida Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
WCFS1016C1C
Page 2 of 9
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage on VCC to Relative GND
[1] .... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State[1] ......................................–0.5V to VCC+0.5V
DC Input Voltage[1]...................................–0.5V to VCC+0.5V
Current into Outputs (LOW) ........................................ 20 mA
Static Discharge Voltage............................................ >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Operating Range
Range
Ambient
Temperature[2]
VCC
Commercial
0
°C to +70°C
5V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test
Conditions
WCFS1016C1C 12ns
WCFS1016C1C 15ns
Unit
Min.
Max.
Min.
Max.
VOH
Output HIGH
Voltage
VCC = Min.,
IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW
Voltage
VCC = Min.,
IOL = 8.0 mA
0.4
0.4
V
VIH
Input HIGH
Voltage
2.2
6.0
2.2
6.0
V
VIL
Input LOW
Voltage[1]
–0.5
0.8
–0.5
0.8
V
IIX
Input Load
Current
GND < VI < VCC
–1
+1
–1
+1
µA
IOZ
Output
Leakage
Current
GND < VI < VCC,
Output Disabled
–1
+1
–1
+1
µA
IOS
Output Short
Circuit
Current[3]
VCC = Max.,
VOUT = GND
–300
–300
mA
ICC
VCC
Operating
Supply
Current
VCC = Max.,
IOUT = 0 mA,
f = fMAX = 1/tRC
140
130
mA
ISB1
Automatic CE
Power-Down
Current
—TTL Inputs
Max. VCC,
CE > VIH
VIN > VIH or
VIN < VIL,
f = fMAX
40
40
mA
ISB2
Automatic CE
Power-Down
Current
—CMOS
Inputs
Max. VCC,
CE >
VCC – 0.3V, VIN >
VCC – 0.3V,
or VIN < 0.3V, f = 0
10
10
mA
Notes:
1.
VIL (min.) = –2.0V for pulse durations of less than 20 ns.
2.
TA is the “Instant On” case temperature.
3.
Not more than one output should be shorted at one time. Duration of the short circuit should not exceed 30 seconds.



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com