| データシートサーチシステム |
|
ANT-W63WS1-RPS データシート(PDF) 9 Page - Linx Technologies |
|
|
|||||||||||||||||||||||||||||
ANT-W63WS1-RPS データシート(HTML) 9 Page - Linx Technologies |
|
9 / 14 page ![]() 9 Datasheet ANT-W63WS1 Series VSWR Figure 11 provides the voltage standing wave ratio (VSWR) across the antenna bandwidth. VSWR describes the power reflected from the antenna back to the radio. A lower VSWR value indicates better antenna performance at a given frequency. Reflected power is also shown on the right-side vertical axis as a gauge of the percentage of transmitter power reflected back from the antenna. 0 10 20 30 40 1 2 3 4 5 2300 2650 3000 3350 3700 4050 4400 4750 5100 5450 5800 6150 6500 6850 7200 Frequency (MHz) Figure 11. W63WS1 Antenna VSWR, Edge-Bent Return Loss Return loss (Figure 12), represents the loss in power at the antenna due to reflected signals. Like VSWR, a lower return loss value indicates better antenna performance at a given frequency. -35 -30 -25 -20 -15 -10 -5 0 2300 2650 3000 3350 3700 4050 4400 4750 5100 5450 5800 6150 6500 6850 7200 Frequency (MHz) Figure 12. W63WS1 Antenna Return Loss, Edge-Bent |