| データシートサーチシステム |
|
ANT-W63WS1-RPS データシート(PDF) 4 Page - Linx Technologies |
|
|
|||||||||||||||||||||||||||||
ANT-W63WS1-RPS データシート(HTML) 4 Page - Linx Technologies |
|
4 / 14 page ![]() 4 Datasheet ANT-W63WS1 Series VSWR Figure 4 provides the voltage standing wave ratio (VSWR) across the antenna bandwidth. VSWR describes the power reflected from the antenna back to the radio. A lower VSWR value indicates better antenna performance at a given frequency. Reflected power is also shown on the right-side vertical axis as a gauge of the percentage of transmitter power reflected back from the antenna. 0 10 20 30 40 1 2 3 4 5 2300 2650 3000 3350 3700 4050 4400 4750 5100 5450 5800 6150 6500 6850 7200 Frequency (MHz) Figure 4. W63WS1 VSWR, Straight Return Loss Return loss (Figure 5), represents the loss in power at the antenna due to reflected signals. Like VSWR, a lower return loss value indicates better antenna performance at a given frequency. -30 -25 -20 -15 -10 -5 0 2300 2650 3000 3350 3700 4050 4400 4750 5100 5450 5800 6150 6500 6850 7200 Frequency (MHz) Figure 5. W63WS1 Return Loss, Straight |