データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCE85176AUG/DA データシート(PDF) 14 Page - NXP Semiconductors

部品番号 PCE85176AUG/DA
部品情報  4 횞 40 LCD segment driver for Chip-On-Glass
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCE85176AUG/DA データシート(HTML) 14 Page - NXP Semiconductors

Back Button PCE85176AUG/DA Datasheet HTML 10Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 11Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 12Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 13Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 14Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 15Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 16Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 17Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
PCE85176AUG
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 12 January 2015
14 of 48
NXP Semiconductors
PCE85176AUG
4 × 40 LCD segment driver for Chip-On-Glass
There are two banks; bank 0 and bank 1. Figure 6 shows the location of these banks
relative to the RAM map. Input and output banks can be set independently from one
another with the Bank-select command (see Table 14). Figure 7 shows the concept.
In the static drive mode, the bank-select command may request the contents of row 2 to
be selected for display instead of the contents of row 0. In the 1:2 multiplex mode, the
contents of rows 2 and 3 may be selected instead of rows 0 and 1. This gives the
provision for preparing display information in an alternative bank and to be able to switch
to it once it is assembled.
In Figure 8 an example is shown for 1:2 multiplex drive mode where the displayed data is
read from the first two rows of the memory (bank 0), while the transmitted data is stored in
the second two rows of the memory (bank 1).
Fig 6.
RAM banks in static and multiplex driving mode 1:2
Fig 7.
Bank selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48