| データシートサーチシステム |
|
PCE85176AUG/DA データシート(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCE85176AUG/DA データシート(HTML) 21 Page - NXP Semiconductors |
|
21 / 48 page ![]() PCE85176AUG All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 1 — 12 January 2015 21 of 48 NXP Semiconductors PCE85176AUG 4 × 40 LCD segment driver for Chip-On-Glass 7.5.4.2 1:2 Multiplex drive mode When two backplanes are provided in the LCD, the 1:2 multiplex mode applies. The PCE85176AUG allows the use of 1⁄2 bias or 1⁄3 bias in this mode as shown in Figure 13 and Figure 14. Vstate1(t) = VSn(t) VBP0(t). Von(RMS) = 0.791VLCD. Vstate2(t) = VSn(t) VBP1(t). Voff(RMS) = 0.354VLCD. Fig 13. Waveforms for the 1:2 multiplex drive mode with 1⁄2 bias |