データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G0 データシート(PDF) 44 Page - STMicroelectronics

部品番号 STM32G0
部品情報  Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0 データシート(HTML) 44 Page - STMicroelectronics

Back Button STM32G0 Datasheet HTML 40Page - STMicroelectronics STM32G0 Datasheet HTML 41Page - STMicroelectronics STM32G0 Datasheet HTML 42Page - STMicroelectronics STM32G0 Datasheet HTML 43Page - STMicroelectronics STM32G0 Datasheet HTML 44Page - STMicroelectronics STM32G0 Datasheet HTML 45Page - STMicroelectronics STM32G0 Datasheet HTML 46Page - STMicroelectronics STM32G0 Datasheet HTML 47Page - STMicroelectronics STM32G0 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 135 page
background image
Pinouts, pin description and alternate functions
STM32G071x8/xB
44/135
DS12232 Rev 4
-
-
-
-
-
-
H6 26
PC5
I/O
FT_a
-
USART3_RX, USART1_RX,
TIM2_CH2
COMP1_INP,
ADC_IN18, WKUP5
E2 14
-
15 15 19 F5 27
PB0
I/O
FT_a
-
SPI1_NSS/I2S1_WS,
TIM3_CH3, TIM1_CH2N,
USART3_RX, LPTIM1_OUT,
UCPD1_FRSTX,
COMP1_OUT
ADC_IN8
-
-
14
-
-
-
-
-
PB0
I/O
FT_da
(3)
SPI1_NSS/I2S1_WS,
TIM3_CH3, TIM1_CH2N,
USART3_RX, LPTIM1_OUT,
UCPD1_FRSTX,
COMP1_OUT
UCPD1_DBCC2,
ADC_IN8
E1 15
-
16 16 20 G5 28
PB1
I/O
FT_a
-
TIM14_CH1, TIM3_CH4,
TIM1_CH3N,
USART3_RTS_DE_CK,
LPTIM2_IN1,
LPUART1_RTS_DE,
EVENTOUT
COMP1_INM, ADC_IN9
-
-
-
17
-
21 H7 29
PB2
I/O
FT_a
-
SPI2_MISO, USART3_TX,
LPTIM1_OUT, EVENTOUT
COMP1_INP, ADC_IN10
-
-
-
-
-
22 G6 30
PB10
I/O
FT_fa
-
CEC, LPUART1_RX,
TIM2_CH3, USART3_TX,
SPI2_SCK, I2C2_SCL,
COMP1_OUT
ADC_IN11
-
-
-
-
-
23H831
PB11
I/O
FT_fa
-
SPI2_MOSI, LPUART1_TX,
TIM2_CH4, USART3_RX,
I2C2_SDA, COMP2_OUT
ADC_IN15
-
-
-
-
-
24 G7 32
PB12
I/O
FT_a
-
SPI2_NSS,
LPUART1_RTS_DE,
TIM1_BKIN, TIM15_BKIN,
UCPD2_FRSTX,
EVENTOUT
ADC_IN16
-
-
-
-
-
25 G8 33
PB13
I/O
FT_f
-
SPI2_SCK, LPUART1_CTS,
TIM1_CH1N,
USART3_CTS,
TIM15_CH1N, I2C2_SCL,
EVENTOUT
-
Table 12. Pin assignment and description (continued)
Pin number
Pin name
(function
upon reset)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More