データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G0 データシート(PDF) 39 Page - STMicroelectronics

部品番号 STM32G0
部品情報  Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0 データシート(HTML) 39 Page - STMicroelectronics

Back Button STM32G0 Datasheet HTML 35Page - STMicroelectronics STM32G0 Datasheet HTML 36Page - STMicroelectronics STM32G0 Datasheet HTML 37Page - STMicroelectronics STM32G0 Datasheet HTML 38Page - STMicroelectronics STM32G0 Datasheet HTML 39Page - STMicroelectronics STM32G0 Datasheet HTML 40Page - STMicroelectronics STM32G0 Datasheet HTML 41Page - STMicroelectronics STM32G0 Datasheet HTML 42Page - STMicroelectronics STM32G0 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 135 page
background image
DS12232 Rev 4
39/135
STM32G071x8/xB
Pinouts, pin description and alternate functions
47
Figure 8. STM32G071KxU UFQFPN32 pinout
MSv42121V1
PB9
PC14-OSC32_IN
PC15-OSC32_OUT
VDD/VDDA
VSS/VSSA
PF2-NRST
PA0
PA1
PA13
PA12 [PA10]
PA11 [PA9]
PA10
PC6
PA9
PA8
PB15
Top view
UFQFPN32
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VSS
MSv39715V3
PB9
PC14-OSC32_IN
PC15-OSC32_OUT
VDD/VDDA
VSS/VSSA
PF2-NRST
PA0
PA1
PA13
PA12 [PA10]
PA11 [PA9]
PA10
PC6
PA9
PA8
PB2
Top view
UFQFPN32
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VSS
GP version
N version
(_KxUxN)
(_KxU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More