データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G0 データシート(PDF) 134 Page - STMicroelectronics

部品番号 STM32G0
部品情報  Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0 データシート(HTML) 134 Page - STMicroelectronics

Back Button STM32G0 Datasheet HTML 127Page - STMicroelectronics STM32G0 Datasheet HTML 128Page - STMicroelectronics STM32G0 Datasheet HTML 129Page - STMicroelectronics STM32G0 Datasheet HTML 130Page - STMicroelectronics STM32G0 Datasheet HTML 131Page - STMicroelectronics STM32G0 Datasheet HTML 132Page - STMicroelectronics STM32G0 Datasheet HTML 133Page - STMicroelectronics STM32G0 Datasheet HTML 134Page - STMicroelectronics STM32G0 Datasheet HTML 135Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 134 / 135 page
background image
Revision history
STM32G071x8/xB
134/135
DS12232 Rev 4
23-Sep-2021
4
Updated:
– Section 2: Description
– Section 4: Pinouts, pin description and alternate
functions
– Replaced “PD version” reference for “N version”
reference on Figure 8: STM32G071KxU UFQFPN32
pinout, Figure 9: STM32G071GxU UFQFPN28 pinout,
Table 12: Pin assignment and description and
Section 7: Ordering information
– Section 6: Package information: all subsections were
rearranged
– Example in Section 6.9.2: Selecting the product
temperature range
– Footnote 3 on Table 25: Current consumption in Run
and Low-power run modes at different die
temperatures
– Footnote 2 on Table 43: PLL characteristics
– VIL line on Table 51: I/O static characteristics
– VREFBUF_OUT line on Table 61: VREFBUF
characteristics
Table 85. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More