| データシートサーチシステム |
|
STM32L072RZ データシート(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072RZ データシート(HTML) 63 Page - STMicroelectronics |
|
63 / 160 page ![]() DS10689 Rev 5 63/160 STM32L072xx Electrical characteristics 122 Table 24. Current characteristics Symbol Ratings Max. Unit ΣIVDD(2) Total current into sum of all VDD power lines (source)(1) 1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the permitted range. 105 mA ΣIVSS(2) 2. This current consumption must be correctly distributed over all I/Os and control pins. The total output current must not be sunk/sourced between two consecutive power supply pins referring to high pin count LQFP packages. Total current out of sum of all VSS ground lines (sink)(1) 105 ΣIVDD_USB Total current into VDD_USB power lines (source) 25 IVDD(PIN) Maximum current into each VDD power pin (source)(1) 100 IVSS(PIN) Maximum current out of each VSS ground pin (sink)(1) 100 IIO Output current sunk by any I/O and control pin except FTf pins 16 Output current sunk by FTf pins 22 Output current sourced by any I/O and control pin -16 ΣIIO(PIN) Total output current sunk by sum of all IOs and control pins except PA11 and PA12(2) 90 Total output current sunk by PA11 and PA12 25 Total output current sourced by sum of all IOs and control pins(2) -90 IINJ(PIN) Injected current on FT, FTf, RST and B pins -5/+0(3) 3. Positive current injection is not possible on these I/Os. A negative injection is induced by VIN<VSS. IINJ(PIN) must never be exceeded. Refer to Table 23 for maximum allowed input voltage values. Injected current on TC pin ± 5(4) 4. A positive injection is induced by VIN > VDD while a negative injection is induced by VIN < VSS. IINJ(PIN) must never be exceeded. Refer to Table 23: Voltage characteristics for the maximum allowed input voltage values. ΣIINJ(PIN) Total injected current (sum of all I/O and control pins)(5) 5. When several inputs are submitted to a current injection, the maximum ΣIINJ(PIN) is the absolute sum of the positive and negative injected currents (instantaneous values). ± 25 Table 25. Thermal characteristics Symbol Ratings Value Unit TSTG Storage temperature range –65 to +150 °C TJ Maximum junction temperature 150 °C |