| データシートサーチシステム |
|
STM32L072RZ データシート(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072RZ データシート(HTML) 77 Page - STMicroelectronics |
|
77 / 160 page ![]() DS10689 Rev 5 77/160 STM32L072xx Electrical characteristics 122 Figure 20. IDD vs VDD, at TA= 25/55/85/105/125 °C, Stop mode with RTC disabled, all clocks OFF MSv37847V1 0 2.0E-03 4.0E-03 6.0E-03 8.0E-03 1.0E-02 1.2E-02 1.4E-02 1.65 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.6 -40 °C 25 °C 55 °C 85 °C 105 °C 125 °C VDD (V) Table 38. Typical and maximum current consumptions in Standby mode Symbol Parameter Conditions Typ Max(1) Unit IDD (Standby) Supply current in Standby mode Independent watchdog and LSI enabled TA = − 40 to 25°C 0,855 1,70 µA TA = 55 °C - 2,90 TA= 85 °C - 3,30 TA = 105 °C - 4,10 TA = 125 °C - 8,50 Independent watchdog and LSI OFF TA = − 40 to 25°C 0,29 0,60 TA = 55 °C 0,32 1,20 TA = 85 °C 0,5 2,30 TA = 105 °C 0,94 3,00 TA = 125 °C 2,6 7,00 1. Guaranteed by characterization results at 125 °C, unless otherwise specified |