| データシートサーチシステム |
|
STM32L072RZ データシート(PDF) 144 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072RZ データシート(HTML) 144 Page - STMicroelectronics |
|
144 / 160 page ![]() Package information STM32L072xx 144/160 DS10689 Rev 5 7.8 UFQFPN48 package information Figure 62. UFQFPN48 - 48 leads, 7x7 mm, 0.5 mm pitch, ultra thin fine pitch quad flat package outline 1. Drawing is not to scale. 2. All leads/pads should also be soldered to the PCB to improve the lead/pad solder joint life. 3. There is an exposed die pad on the underside of the UFQFPN package. It is recommended to connect and solder this back-side pad to PCB ground. A0B9_ME_V3 D Pin 1 identifier laser marking area EE D Y D2 E2 Exposed pad area Z 1 48 Detail Z R 0.125 typ. 1 48 L C 0.500x45° pin1 corner A Seating plane A1 b e ddd Detail Y T |