データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L072KBU6 データシート(PDF) 44 Page - STMicroelectronics

部品番号 STM32L072KBU6
部品情報  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072KBU6 データシート(HTML) 44 Page - STMicroelectronics

Back Button STM32L072KBU6 Datasheet HTML 40Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 41Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 42Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 43Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 44Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 45Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 46Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 47Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 160 page
background image
Pin descriptions
STM32L072xx
44/160
DS10689 Rev 5
Table 16. STM32L072xxx pin definition
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions
-
-
---
-
-
1
B2
PE2
I/O FT
-
TIM3_ETR
-
-
-
---
-
-
2
A1
PE3
I/O FT
-
TIM22_CH1,
TIM3_CH1
-
-
-
---
-
-
3
B1
PE4
I/O FT
-
TIM22_CH2,
TIM3_CH2
-
-
-
---
-
-
4
C2
PE5
I/O FT
-
TIM21_CH1,
TIM3_CH3
-
-
-
---
-
-
5
D2
PE6
I/O FT
-
TIM21_CH2,
TIM3_CH4
RTC_TAMP3/
WKUP3
1
-
1
1
1
B2 B6
6
E2
VDD
S
-
-
-
--
2
2
2
A2 B7
7
C1
PC13
I/O FT
-
-
RTC_TAMP1/RTC_
TS/RTC_OUT/
WKUP2
213
3
3
A1 C6 8
D1
PC14-
OSC32_IN
(PC14)
I/O FT
-
-
OSC32_IN
324
4
4
B1 C7 9
E1
PC15-
OSC32_OUT
(PC15)
I/O TC
-
-
OSC32_OUT
-
-
---
-
-
10
F2
PH9
I/O FT
-
-
-
-
-
---
-
-
11
G2
PH10
I/O FT
-
-
-
--
5
5
5
C1 D6 12
F1
PH0-OSC_IN
(PH0)
I/O TC
-
USB_CRS_SYNC
OSC_IN
--
6
6
6
D1 D7 13
G1
PH1-
OSC_OUT
(PH1)
I/O TC
-
-
OSC_OUT
4
3
7
7
7
E1 D5 14
H2
NRST
I/O
-
-
-
-
-
-
-
8
E3 C5 15
H1
PC0
I/O FTf
-
LPTIM1_IN1,
EVENTOUT,
TSC_G7_IO1,
LPUART1_RX,
I2C3_SCL
ADC_IN10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More