データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L072KBU6 データシート(PDF) 59 Page - STMicroelectronics

部品番号 STM32L072KBU6
部品情報  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072KBU6 データシート(HTML) 59 Page - STMicroelectronics

Back Button STM32L072KBU6 Datasheet HTML 55Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 56Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 57Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 58Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 59Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 60Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 61Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 62Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 160 page
background image
DS10689 Rev 5
59/160
STM32L072xx
Memory mapping
59
5
Memory mapping
Refer to the product line reference manual for details on the memory mapping as well as the
boundary addresses for all peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More