| データシートサーチシステム |
|
STM32L15XCC データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L15XCC データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 136 page ![]() Functional overview STM32L151xC STM32L152xC 18/136 DocID022799 Rev 13 3.2 ARM® Cortex®-M3 core with MPU The ARM® Cortex®-M3 processor is the industry leading processor for embedded systems. It has been developed to provide a low-cost platform that meets the needs of MCU implementation, with a reduced pin count and low-power consumption, while delivering outstanding computational performance and an advanced system response to interrupts. The ARM® Cortex®-M3 32-bit RISC processor features exceptional code-efficiency, delivering the high-performance expected from an ARM core in the memory size usually associated with 8- and 16-bit devices. ADC Y Y -- -- -- -- -- -- DAC Y Y Y Y Y -- -- -- Tempsensor Y Y Y Y Y -- -- -- OP amp Y Y Y Y Y -- -- -- Comparators Y Y Y Y Y Y -- -- 16-bit and 32-bit Timers Y Y Y Y -- -- -- -- IWDG Y Y Y Y Y Y Y Y WWDG Y Y Y Y -- -- -- -- Touch sensing Y Y -- -- -- -- -- -- Systic Timer Y Y Y Y -- -- -- GPIOs Y Y Y Y Y Y -- 3 pins Wakeup time to Run mode 0 µs 0.4 µs 3 µs 46 µs < 8 µs 58 µs Consumption VDD=1.8 to 3.6 V (Typ) Down to 185 µA/MHz (from Flash) Down to 34.5 µA/MHz (from Flash) Down to 8.6 µA Down to 4.4 µA 0.43 µA (no RTC) VDD=1.8V 0.29 µA (no RTC) VDD=1.8V 1.15 µA (with RTC) VDD=1.8V 0.9 µA (with RTC) VDD=1.8V 0.44 µA (no RTC) VDD=3.0V 0.29 µA (no RTC) VDD=3.0V 1.4 µA (with RTC) VDD=3.0V 1.15 µA (with RTC) VDD=3.0V 1. The startup on communication line wakes the CPU which was made possible by an EXTI, this induces a delay before entering run mode. Table 5. Functionalities depending on the working mode (from Run/active down to standby) (continued) Ips Run/Active Sleep Low- power Run Low- power Sleep Stop Standby Wakeup capability Wakeup capability |