データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L15XCC データシート(PDF) 39 Page - STMicroelectronics

部品番号 STM32L15XCC
部品情報  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L15XCC データシート(HTML) 39 Page - STMicroelectronics

Back Button STM32L15XCC Datasheet HTML 35Page - STMicroelectronics STM32L15XCC Datasheet HTML 36Page - STMicroelectronics STM32L15XCC Datasheet HTML 37Page - STMicroelectronics STM32L15XCC Datasheet HTML 38Page - STMicroelectronics STM32L15XCC Datasheet HTML 39Page - STMicroelectronics STM32L15XCC Datasheet HTML 40Page - STMicroelectronics STM32L15XCC Datasheet HTML 41Page - STMicroelectronics STM32L15XCC Datasheet HTML 42Page - STMicroelectronics STM32L15XCC Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 136 page
background image
DocID022799 Rev 13
39/136
STM32L151xC STM32L152xC
Pin descriptions
51
C1
7
2
D5
2
PC13-
WKUP2
I/O
FT
PC13
-
WKUP2/
RTC_TAMP1/
RTC_TS/RTC_OUT
D1
8
3
D7
3
PC14-
OSC32_IN(4)
I/O
TC
PC14
-
OSC32_IN
E1
9
4
D6
4
PC15-
OSC32_OUT
I/O
TC
PC15
-
OSC32_OUT
F2
10
-
-
-
VSS_5
S-
VSS_5
--
G2
11
-
-
-
VDD_5
S-
VDD_5
--
F1
12
5
F6
5
PH0-
OSC_IN(5)
I/O
TC
PH0
-
OSC_IN
G1
13
6
F7
6
PH1-
OSC_OUT(5)
I/O
TC
PH1
-
OSC_OUT
H2
14
7
E7
7
NRST
I/O RST
NRST
-
-
H1
15
8
E6
-
PC0
I/O
FT
PC0
LCD_SEG18
ADC_IN10/
COMP1_INP
J2
16
9
E5
-
PC1
I/O
FT
PC1
LCD_SEG19
ADC_IN11/
COMP1_INP
J3
17 10 G7
-
PC2
I/O
FT
PC2
LCD_SEG20
ADC_IN12/
COMP1_INP
K2
18 11 G6
-
PC3
I/O
TC
PC3
LCD_SEG21
ADC_IN13/
COMP1_INP
J1
19 12 F5
8
VSSA
S-
VSSA
--
K1
20
-
-
-
VREF-
S-
VREF-
--
L1
21
-
-
-
VREF+
S-
VREF+
--
M1
22 13 H7
9
VDDA
S-
VDDA
--
L2
23 14 E4 10 PA0-WKUP1 I/O
FT
PA0
TIM2_CH1_ETR/
TIM5_CH1/
USART2_CTS
WKUP1/
RTC_TAMP2/
ADC_IN0/
COMP1_INP
Table 9. STM32L151xC and STM32L152xC pin definitions (continued)
Pins
Pin name
Main
function(2)
(after
reset)
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More