| データシートサーチシステム |
|
STM8AF6213 データシート(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF6213 データシート(HTML) 50 Page - STMicroelectronics |
|
50 / 112 page ![]() Option bytes STM8AF6213/13A/23/23A/26 50/112 DS9884 Rev 9 Table 19. STM8AF6226 alternate function remapping bits [1:0] for 32-pin packages AFR1 option bit value AFR0 option bit value I/O port Alternate function mapping 0 0 AFR1 and AFR0 remapping options inactive: Default alternate functions(1) 1. Refer to the pin descriptions. 0 1 PC5 TIM5_CH1 PC6 TIM1_CH1 PC7 TIM1_CH2 1 0 PA3 SPI_NSS PD2 TIM5_CH3 1(2) 2. If both AFR1 and AFR0 option bits are set, the SPI hardware NSS management feature is no more available. If this remapping option is selected and the SPI is enabled, the SSM bit must be configured in the SPI_CR2 register to select software NSS management. 1(2) PD2 TIM5_CH3 PC5 TIM5_CH1 PC6 TIM1_CH1 PC7 TIM1_CH2 PC2 TIM1_CH3N PC1 TIM1_CH2N PE5 TIM1_CH1N PA3 LINUART_TX PF4 LINUART_RX Table 20. STM8AF6213/STM8AF6223 alternate function remapping bits [1:0] for 20-pin packages AFR1 option bit value AFR0 option bit value I/O port Alternate function mapping 0 0 AFR1 and AFR0 remapping options inactive: Default alternate functions(1) 0 1 PC5 TIM5_CH1 PC6 TIM1_CH1 PC7 TIM1_CH2 1 0 PA3 SPI_NSS PD2 TIM5_CH3 |