| データシートサーチシステム |
|
STM8AF6213 データシート(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF6213 データシート(HTML) 24 Page - STMicroelectronics |
|
24 / 112 page ![]() Pinout and pin description STM8AF6213/13A/23/23A/26 24/112 DS9884 Rev 9 10 PA3/ TIM5_CH3 [SPI_NSS] I/O X X X HS O3 X X Port A3 Timer 5 channel 3 SPI master/ slave select [AFR1] 11 PB5/ I2C_SDA [TIM1_BKIN] I/O X - X - O1 T(3) - Port B5 I2C data Timer 1 - break input [AFR4] 12 PB4/ I2C_SCL [ADC_ETR] I/O X - X - O1 T(3) - Port B4 I2C clock ADC external trigger [AFR4] 13 PC3/ TIM1_CH3/[TLI]/[ TIM1_CH1N] I/O X X X HS O3 X X Port C3 Timer 1 - channel 3 Top level interrupt [AFR3] Timer 1 inverted channel 1 [AFR7] 14 PC4/ TIM1_CH4/ CLK_CCO/AIN2/[ TIM1_CH2N] I/O X X X HS O3 X X Port C4 Timer 1 - channel 4 /configurabl e clock output Analog input 2 [AFR2]Time r 1 inverted channel 2 [AFR7] 15 PC5/SPI_SCK [TIM5_CH1] I/O X X X HS O3 X X Port C5 SPI clock Timer 5 channel 1 [AFR0] 16 PC6/ SPI_MOSI [TIM1_CH1] I/O X X X HS O3 X X Port C6 PI master out/slave in Timer 1 channel 1 [AFR0] 17 PC7/ SPI_MISO [TIM1_CH2] I/O X X X HS O3 X X Port C7 SPI master in/ slave out Timer 1 channel 2[AFR0] 18 PD1/ SWIM(4) I/O X X X HS O4 X X Port D1 SWIM data interface - Table 6. STM8AF6213/STM8AF6223 TSSOP20 pin description (continued) Pin name Type Input Output Main function (after reset) Default alternate function Alternate function after remap [option bit] |