| データシートサーチシステム |
|
SPC58NE84C3 データシート(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC58NE84C3 データシート(HTML) 35 Page - STMicroelectronics |
|
35 / 154 page ![]() DS11646 Rev 4 35/154 SPC58EEx, SPC58NEx Electrical characteristics 38 Fmax_V CC T Maximum output frequency for Very Strong type PADs CL = 25 pF VDD =5.0 V ± 10% —— 50 MHz CL = 50 pF VDD = 5.0 V ± 10% —— 25 MHz CL = 25 pF VDD =3.3 V ± 10% —— 50 MHz CL = 50 pF VDD =3.3 V ± 10% —— 25 MHz tTR_V CC T 10–90% threshold transition time output pin VERY STRONG configuration CL = 25 pF VDD =5.0 V ± 10% 1— 6 ns CL = 50 pF VDD =5.0 V ± 10% 3— 12 CL = 25 pF VDD =3.3 V ± 10% 1.5 — 6 CL = 50 pF VDD =3.3 V ± 10% 3— 11 tTR20-80_V CC T 20–80% threshold transition time output pin VERY STRONG configuration (Flexray Standard) CL = 25 pF VDD =5.0 V ± 10% 0.8 — 4.5 ns CL = 15 pF VDD =3.3 V ± 10% 1— 4.5 tTRTTL_V CC T TTL threshold transition time for output pin in VERY STRONG configuration (Ethernet standard) CL = 25 pF VDD =3.3 V ± 10% 0.88 — 5 ns ΣtTR20-80_V CC T Sum of transition time 20–80% output pin VERY STRONG configuration CL = 25 pF VDD =5.0 V ± 10% —— 9 ns CL = 15 pF VDD =3.3 V ± 10% —— 9 |tSKEW_V| CC T Difference between rise and fall delay CL = 25 pF VDD = 5.0 V ± 10% 0— 1.2 ns IDCMAX_V CC D Maximum DC current VDD = 5.0 V±10% VDD =3.3 V ± 10% —— 9 mA Table 16. VERY STRONG/VERY FAST I/O output characteristics (continued) Symbol C Parameter Conditions Value Unit Min Typ Max |