| データシートサーチシステム |
|
SPC58NE84C3 データシート(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC58NE84C3 データシート(HTML) 36 Page - STMicroelectronics |
|
36 / 154 page ![]() Electrical characteristics SPC58EEx, SPC58NEx 36/154 DS11646 Rev 4 3.8.3 I/O pad current specifications The I/O pads are distributed across the I/O supply segment. Each I/O supply segment is associated to a VDD/VSS supply pair as described in the device pinout Microsoft Excel file attached to the IO_Definition document. Table 17 provides I/O consumption figures. In order to ensure device reliability, the average current of the I/O on a single segment should remain below the IRMSSEG maximum value. In order to ensure device functionality, the sum of the dynamic and static current of the I/O on a single segment should remain below the IDYNSEG maximum value. Pad mapping on each segment can be optimized using the pad usage information provided on the I/O Signal Description table. Note: In order to ensure correct functionality for SENT, the sum of all pad usage ratio within the SENT segment should remain below 10%. Table 17. I/O consumption Symbol C Parameter Conditions Value(1) Unit Min Typ Max Average consumption(2) IRMSSEG SR D Sum of all the DC I/O current within a supply segment —— — 80 mA IRMS_W CC D RMS I/O current for WEAK configuration CL =25pF, 2MHz, VDD =5.0 V ± 10 % —— 1.1 mA CL =50pF, 1MHz, VDD =5.0 V ± 10 % —— 1.1 CL =25pF, 2MHz, VDD =3.3 V ± 10 % —— 1.0 CL =25pF, 1MHz, VDD = 3.3 V ± 10% —— 1.0 IRMS_M CC D RMS I/O current for MEDIUM configuration CL = 25 pF, 12 MHz, VDD = 5.0 V ± 10% —— 5.5 mA CL =50pF, 6MHz, VDD = 5.0 V ± 10% —— 5.5 CL = 25 pF, 12 MHz, VDD = 3.3 V ± 10% —— 4.2 CL =25pF, 6MHz, VDD = 3.3 V ± 10% —— 4.2 |