| データシートサーチシステム |
|
ST25DV16KC データシート(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV16KC データシート(HTML) 6 Page - STMicroelectronics |
|
6 / 203 page ![]() Table 3. 12-pin packages signal names Signal name Function Direction V_EH Energy harvesting Power output GPO Interrupt output Output SDA Serial data I/O SCL Serial clock Input AC0, AC1 Antenna coils - VCC Supply voltage Power VSS Ground - LPD Low power down mode Input VDCG Supply voltage for GPO driver Power NC Not connected Must be left floating EP Exposed pad Must be left floating Figure 6. ST25DVxxKC 12-pin UFDFPN12 package connections V_EH AC0 AC1 VSS VDCG NC SCL SDA 3 4 5 6 10 9 8 7 UFDFPN12 EP LPD NC VCC GPO (CMOS) 12 11 1 2 ST25DV04KC ST25DV16KC ST25DV64KC ST25DVxxKC packaging DS13519 - Rev 3 page 6/203 |