| データシートサーチシステム |
|
ST25DV16KC データシート(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV16KC データシート(HTML) 35 Page - STMicroelectronics |
|
35 / 203 page ![]() RF_ACTIVITY: • GPO output level reflects the RF activity. • When RF_ACTIVITY is activated, a GPO output level change from RF command EOF to ST25DVxxKC response EOF. Figure 18. RF_ACTIVITY chronogram 2) VCD sends a write command and ST25DVxxKC replies after write completed. GPO/RF_ACTIVITY is released after ST25DVxxKC response. S O F E O F 5) VCD sends a command and ST25DVxxKC stays quiet (Stay Quiet command, command not for this VICC, or quiet state). GPO/RF_ACTIVITY remains high-Z. (m*)Wt VCD Command GPO/RF_ACTIVITY GPO/RF_ACTIVITY S O F E O F ST25DVxxKC reply S O F Write command E O F 1) VCD sends a command and ST25DVxxKC replies. GPO/RF_ACTIVITY is released after ST25DVxxKC response. t1 GPO/RF_ACTIVITY S O F E O F ST25DVxxKC reply S O F VCD command E O F 3) VCD sends a write command with option flag set to 1, and ST25DVxxKC replies after receiving EOF. GPO/RF_ACTIVITY is released after ST25DVxxKC response. >(m*)Wt GPO/RF_ACTIVITY S O F E O F ST25DVxxKC reply S O F Write command E O F E O F t1 4) VCD sends an Inventory 16 slots command, and ST25DVxxKC replies in its slot. GPO/ RF_ACTIVITY is released after ST25DVxxKC response. GPO/RF_ACTIVITY S O F E O F ST25DVxxKC reply S O F Inventory command E O F E O F t1 E O F Slot 1 Slot n ST25DV04KC ST25DV16KC ST25DV64KC GPO DS13519 - Rev 3 page 35/203 |