| データシートサーチシステム |
|
SPC58NH84E7 データシート(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC58NH84E7 データシート(HTML) 34 Page - STMicroelectronics |
|
34 / 147 page ![]() Electrical characteristics SPC58EHx, SPC58NHx 34/147 DS12304 Rev 5 Note: When the device enters into standby mode, the LP pads have the input buffer switched-on. As a consequence, if the pad input voltage VIN is VSS<VIN<VDD_HV, an additional consumption can be measured in the VDD_HV domain. The highest consumption can be seen around mid-range (VIN ~=VDD_HV/2), 2-3 mA depending on process, voltage and temperature. This situation may occur if the PAD is used as a ADC input channel, and VSS<VIN<VDD_HV. The applications should ensure that LP pads are always set to VDD_HV or VSS, to avoid the extra consumption. Please refer to the device pinout IO definition excel file to identify the low-power pads which also have an ADC function. 4.8.2 I/O output DC characteristics Figure 4 provides description of output DC electrical characteristics. Figure 4. I/O output DC electrical characteristics definition 10% Vout VINTERNAL VHYS (SIUL register) 20% 80% 90% tR10-90 tR20-80 tF10-90 tF20-80 tTR(max) = MAX(tR10-90; tF10-90) tTR(min) = MIN(tR10-90; tF10-90) tTR20-80(max) = MAX(tR20-80; tF20-80) tTR20-80(min) = MIN(tR20-80; tF20-80) tSKEW20-80 = |tR20-80-tF20-80| tSKEW20-80 tSKEW10-90 = |tR10-90-tF10-90| |