| データシートサーチシステム |
|
SPC58NH84E7 データシート(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC58NH84E7 データシート(HTML) 43 Page - STMicroelectronics |
|
43 / 147 page ![]() DS12304 Rev 5 43/147 SPC58EHx, SPC58NHx Electrical characteristics 43 IDYN_V CC D Dynamic I/O current for VERY STRONG configuration CL =25 pF, VDD =5.0 V ± 10% —— 62 mA CL =50 pF, VDD =5.0 V ± 10% —— 70 CL =25 pF, VDD =3.3 V ± 10% —— 52 CL =50 pF, VDD =3.3 V ± 10% —— 55 IDYN_V CC D Dynamic I/O current for ULTRA STRONG configuration CL =25 pF, VDD =5.0 V ± 10% —— 62 mA CL =50 pF, VDD =5.0 V ± 10% —— 70 CL = 12 pF (lumped), VDD = 3.3 V ± 10% —— 67 1. I/O current consumption specifications for the 4.5 V ≤ VDD_HV_IO ≤ 5.5 V range are valid for VSIO_[VSIO_xx] = 1, and VSIO[VSIO_xx] = 0 for 3.0 V ≤ VDD_HV_IO ≤ 3.6 V. 2. Average consumption in one pad toggling cycle. 3. Stated maximum values represent peak consumption that lasts only a few ns during I/O transition. When possible (timed output) it is recommended to delay transition between pads by few cycles to reduce noise and consumption. Table 17. I/O consumption (continued) Symbol C Parameter Conditions Value(1) Unit Min Typ Max |