データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MF1P4101DA6/02 データシート(PDF) 18 Page - NXP Semiconductors

部品番号 MF1P4101DA6/02
部品情報  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1P4101DA6/02 データシート(HTML) 18 Page - NXP Semiconductors

Back Button MF1P4101DA6/02 Datasheet HTML 14Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 15Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 16Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 17Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 18Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 19Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 20Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 21Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
NXP Semiconductors
MF1P(H)x1y1
MIFARE Plus EV1
MF1P(H)x1y1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 6 December 2018
COMPANY PUBLIC
366932
18 / 33
9 Look-up tables
9.1 Security level 0, 1, 2, 3: ISO/IEC 14443-3
Table 4. ISO/IEC 14443-3
Command
Description
REQA
the REQA and ATQA commands are fully implemented according to
ISO/IEC 14443-3
WUPA
the WAKE-UP command is fully implemented according to ISO/IEC
14443-3
ANTICOLLISION/SELECT
cascade level 1
the ANTICOLLISION and SELECT commands are fully implemented
according to ISO/IEC 14443-3. The response is part 1 of the UID.
ANTICOLLISION/SELECT
cascade level 2 for 7 byte
UID version
the ANTICOLLISION and SELECT commands are fully implemented
according to ISO/IEC 14443-3. The response is part 2 of the UID.
HALT
the HALT command is fully implemented according to ISO/IEC
14443-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33