| データシートサーチシステム |
|
MF1P4101DA6/02 データシート(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF1P4101DA6/02 データシート(HTML) 22 Page - NXP Semiconductors |
|
22 / 33 page ![]() NXP Semiconductors MF1P(H)x1y1 MIFARE Plus EV1 MF1P(H)x1y1 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2019. All rights reserved. Product short data sheet Rev. 3.2 — 6 December 2018 COMPANY PUBLIC 366932 22 / 33 Command Description Proximity check commands available after ISO/IEC 14443-4 activation PreparePC prepare for the Proximity Check ProximityCheck perform the precise measurement for the proximity check VerifyPC verify the proximity check VC commands available after ISO/IEC 14443-4 activation, using ISO/IEC 7816-4 protocol ISOSelect Select virtual card ISOExternalAuthenticate Authenticate PD [1] For security level switch, the originality function, sector security level switch and updating of AES keys and VCSystemData blocks [2] For updating of AES keys and VCSystemData blocks In addition to the commands listed in Table 7, all commands defined for SL3 communication are available for those sectors which have been switch to SL3 or SL1SL3Mix mode using the AuthenticateSectorSwitch feature. |