データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M76DW52003TA データシート(PDF) 18 Page - STMicroelectronics

部品番号 M76DW52003TA
部品情報  32Mbit (4Mb x8/ 2Mb x16, Dual Bank, Boot Block) Flash Memory and 4Mbit (256Kb x16) SRAM, Multiple Memory Product
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M76DW52003TA データシート(HTML) 18 Page - STMicroelectronics

Back Button M76DW52003TA Datasheet HTML 14Page - STMicroelectronics M76DW52003TA Datasheet HTML 15Page - STMicroelectronics M76DW52003TA Datasheet HTML 16Page - STMicroelectronics M76DW52003TA Datasheet HTML 17Page - STMicroelectronics M76DW52003TA Datasheet HTML 18Page - STMicroelectronics M76DW52003TA Datasheet HTML 19Page - STMicroelectronics M76DW52003TA Datasheet HTML 20Page - STMicroelectronics M76DW52003TA Datasheet HTML 21Page - STMicroelectronics M76DW52003TA Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
M76DW52003TA, M76DW52003BA
18/27
Figure 11. SRAM Write AC Waveforms, W Controlled
Note: 1. W, E1S, E2S, UBS and/or LBS must be asserted to initiate a write cycle. Output Enable (G) = Low (otherwise, DQ0-DQ15 are high
impedance). If E1S, E2S and W are deasserted at the same time, DQ0-DQ15 remain high impedance.
2. The I/O pins are in output mode and input signals must not be applied.
AI07944b
tAVAV
tWHAX
tDVWH
INPUT VALID
A0-A17
E1S
W
DQ0-DQ15
VALID
E2S
tAVWH
tBLWH
tGHQZ
tWHDZ
tAVWL
UBS, LBS
tE2HWH
tE1LWH
G
tWLWH
Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27