| データシートサーチシステム |
|
M76DW52003TA データシート(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M76DW52003TA データシート(HTML) 20 Page - STMicroelectronics |
|
20 / 27 page ![]() M76DW52003TA, M76DW52003BA 20/27 Figure 13. SRAM Write AC Waveforms, W Controlled with G Low Note: 1. If E1S, E2S and W are deasserted at the same time, DQ0-DQ15 remain high impedance. Figure 14. SRAM Write Cycle Waveform, UBS and LBS Controlled, G Low Note: 1. If E1S, E2S and W are deasserted at the same time, DQ0-DQ15 remain high impedance. AI07946b tAVAV tWHAX tDVWH INPUT VALID A0-A17 E1S W DQ0-DQ15 VALID E2S tAVWH tWLWH tAVWL tWHDZ tWHQX tBLWH UBS, LBS tE1LWH tE2HWH tWLQZ AI07947b tAVAV tBHAX tDVBH INPUT VALID A0-A17 E1S W DQ0-DQ15 VALID E2S tAVBH tWLBH tAVBL tBHDZ tBLBH UBS, LBS tE1LBH tE2HBH |