データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADL5387ACPZ-R2 データシート(PDF) 24 Page - Analog Devices

部品番号 ADL5387ACPZ-R2
部品情報  30 MHz to 2 GHz Quadrature Demodulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADL5387ACPZ-R2 データシート(HTML) 24 Page - Analog Devices

Back Button ADL5387ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 26Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
ADL5387
Data Sheet
Rev. C | Page 24 of 27
EVALUATION BOARD
The ADL5387 evaluation board is available. The board can be
used for single-ended or differential baseband analysis. The default
configuration of the board is for single-ended baseband analysis.
RFC
C11
C8
R14
R16
R10
C12
R15
T2
T3
R9
R11
C9
C10
C2
C1
R1
R2
VPOS
LO
C5
C7
C6
R17
VPOS
T1
T4
ADL5387
Q OUTPUT OR QHI
QLO
I OUTPUT OR IHI
ILO
R8
R7
L2
L1
R6
C3
C4
VPOS
R3
R4
R13
C13
R5
R12
1
24
CMRF CMRF RFIP
RFIN CMRF
VPX
CML
VPA
COM
BIAS
VPL
VPL
VPL
VPB
VPB
QHI
QLO
IHI
ILO
LOIP
LOIN
CML
CML
COM
23
22
21
20
19
7
8
9
10
11
12
2
3
4
5
6
18
17
16
15
14
13
Figure 67. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27