データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

34AA02-I/P データシート(PDF) 21 Page - Microchip Technology

部品番号 34AA02-I/P
部品情報  2-Kbit I2C Serial EEPROM Software Write-Protect
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA02-I/P データシート(HTML) 21 Page - Microchip Technology

Back Button 34AA02-I/P Datasheet HTML 17Page - Microchip Technology 34AA02-I/P Datasheet HTML 18Page - Microchip Technology 34AA02-I/P Datasheet HTML 19Page - Microchip Technology 34AA02-I/P Datasheet HTML 20Page - Microchip Technology 34AA02-I/P Datasheet HTML 21Page - Microchip Technology 34AA02-I/P Datasheet HTML 22Page - Microchip Technology 34AA02-I/P Datasheet HTML 23Page - Microchip Technology 34AA02-I/P Datasheet HTML 24Page - Microchip Technology 34AA02-I/P Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
 2007-2022 Microchip Technology Inc. and its subsidiaries
DS20002029G-page 21
34AA02/34LC02
B
A
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing No. C04-018-P Rev E Sheet 1 of 2
8-Lead Plastic Dual In-Line (P) - 300 mil Body [PDIP]
eB
E
A
A1
A2
L
8X b
8X b1
E1
c
C
PLANE
.010
C
12
N
D
NOTE 1
TOP VIEW
END VIEW
SIDE VIEW
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40