| データシートサーチシステム |
|
34AA02-I/P データシート(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
34AA02-I/P データシート(HTML) 29 Page - Microchip Technology |
|
29 / 40 page ![]() 2007-2022 Microchip Technology Inc. and its subsidiaries DS20002029G-page 29 34AA02/34LC02 B A 0.15 C 0.15 C 0.10 C A B 0.05 C (DATUM B) (DATUM A) C SEATING PLANE NOTE 1 12 N 2X TOP VIEW SIDE VIEW BOTTOM VIEW NOTE 1 12 N 0.10 C A B 0.10 C A B 0.10 C 0.08 C Microchip Technology Drawing No. C04-129-MN Rev E Sheet 1 of 2 2X 8X For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: 8-Lead Plastic Dual Flat, No Lead Package (MN) – 2x3x0.8 mm Body [TDFN] D E D2 E2 A (A3) A1 e 8X b L K With 1.4x1.3 mm Exposed Pad (JEDEC Package type WDFN) |