データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SML2120 データシート(PDF) 5 Page - Summit Microelectronics, Inc.

部品番号 SML2120
部品情報  Programmable Adaptive Laser Power Controller with Dual Lookup Tables
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUMMIT [Summit Microelectronics, Inc.]
ホームページ  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2120 データシート(HTML) 5 Page - Summit Microelectronics, Inc.

  SML2120 Datasheet HTML 1Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 2Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 3Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 4Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 5Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 6Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 7Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 8Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
SML2120
Pin Descriptions
Summit Microelectronics
2066 6.3 1/22/04
5
12
O
VBRIDGE
Connection to an external Full-Bridge Sensor when used with the Thermistor pin.
Two of the full-bridge resistors are internal. See the Bridge Circuit Diagram in
Figure 1 and 3. Voltage level is 0.2V with respect to VSS.
13
I/O
ILU0
Current output resulting from Lookup Table 0. User-programmable to either sink
(to VSS) or source (to VDD) up to 2.5mA.
14
I/O
ILU1
Current output resulting from Lookup Table 1. User-programmable to either sink
(to VSS) or source (to VDD) up to 2.5mA.
15
PWR
VDD
VDD is the positive rail for most internal functions.
16
I
C2
Place a capacitor (CINT) between C1 and C2 to increase the time constant for the
APC integrator.
17
I
C1
18
I
MPD
Monitor Photo Diode anode input. Connect a resistor between MPD and C1 to
work in conjunction with CINT to establish the integrator time constant.
19
I
VBURST
In burst mode, this input supplies a ballast current that allows the SML2120 to
quickly restart when ENA# is asserted.
20
I
BIAS
Supplies the main laser current as controlled by the APC circuit; capable of
sinking up to 100mA to VSS.
21
PWR
VSS
VSS must be tied to the lowest system voltage potential.
22
I/O
VAPC
APC Override pin.
23
I
EXT_TEMP
This input can be configured to sense either a voltage or current generated from
an external temperature monitoring device.
24
PWR
VDD
VDD is the positive rail for most internal functions.
25
PWR
VHI
In dual-voltage rail systems, VHI is tied to the system logic high potential. It is the
logic high reference for all pins marked with an asterisk (*).
26
O
POWERMON*
Analog output voltage indicating the state of the Monitor Photo Diode (MPD)
input.
27
O
TEMPMON*
Analog output voltage proportional to the temperature as sensed by the
EXT_TEMP or THERMISTOR input.
28
O
BIASMON*
Analog output voltage proportional to BIAS current.
* See VLOW and VHI pin descriptions.
Pin Number Pin Type
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com