データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SML2120 データシート(PDF) 1 Page - Summit Microelectronics, Inc.

部品番号 SML2120
部品情報  Programmable Adaptive Laser Power Controller with Dual Lookup Tables
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUMMIT [Summit Microelectronics, Inc.]
ホームページ  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2120 データシート(HTML) 1 Page - Summit Microelectronics, Inc.

  SML2120 Datasheet HTML 1Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 2Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 3Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 4Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 5Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 6Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 7Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 8Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Programmable Adaptive Laser Power Controller with Dual Lookup Tables
Preliminary Information1 (See Last Page)
© SUMMIT Microelectronics, Inc. 2004 • 1717 Fox Drive • San Jose CA 95131-2312 • Phone 408 436-9890 • Fax 408 436-9897 • www.summitmicro.com
2066 6.3 1/22/04
1
SML2120
–
FEATURES AND APPLICATIONS
Features:
• Integrated Automatic Power Control (APC) circuit
• 100 mA bias current sink capability
• Dual low-current outputs (up to 2.5 mA) based on two
independent 256x8 Lookup Table values
• Bias current and/or temperature monitoring capability
• Dual high/low alert registers
• Advanced lookup algorithm eliminates unnecessary
output changes
• Flexible voltage operation;
0 to 5V, 0 to 3.3V, or -5.2V to +3.3V
•I2C 2-wire serial bus interface for programming
configuration, control values, monitoring, and
operational status - 100KHz and 400KHz
• Small 5X5 28-Pin QFN Package
Applications:
• Laser power management for Telecom/Datacom
motherboards
• Direct modulation and electro-absorptive modulation
applications
–
INTRODUCTION
The SML2120 is an advanced, programmable laser diode
power controller ideal for optical networking applications.
The integrated automatic power control (APC) circuit adapts
to variations in the laser’s power output as detected by a
photo diode.
The SML2120 drives two low current outputs derived from
values stored in independent 256x8 Lookup Tables. The low
current outputs are suitable for controlling the MODSET
input of typical laser driver IC’s. The input stimulus for each
Lookup Table can be configured as the laser temperature,
the bias current, or an external signal. Characteristics of the
laser’s performance over time and temperature are stored
in the lookup tables, allowing the outputs to adapt to system
conditions and optimize overall performance.
Programming of configuration and control values by the
user are simplified with the I2C interface adapter
(SMX3200) and Windows Programming software available
from Summit Microelectronics.
–
SIMPLIFIED APPLICATION DRAWING
Figure 1. Typical SML2120 Connections to a Laser Driver and Laser Diode
SML2120
V
DD (+3.3V)
ILU1
THERMISTOR
14
11
20
18
BIAS
MPD
16
17
C1
C2
13
15
24
25
VDD
VHI
+3.3V
2
3
4
5
A1
A2
SDA
SCL
6
7
AM#
ALERT#
DATA–
DATA+
MODSET
BIASMAX
APCSET
CAPC
V
DD
OUT–
OUT+
Typical
Laser Driver
Typical Laser
Diode with
Photo Diode
and Thermistor
ILU0
C
INT
R
INT
12
VBRIDGE
NTC
LD
MPD
VDD
EXT_TEMP
23
Note: This is an applications example only. Some pins, components and values are not shown.


同様の部品番号 - SML2120

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SML2108 SUMMIT-SML2108 Datasheet
452Kb / 21P
Laser Diode Adaptive Power Controller
SML2108F SUMMIT-SML2108F Datasheet
452Kb / 21P
Laser Diode Adaptive Power Controller
More results

同様の説明 - SML2120

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SY88905 MICREL-SY88905 Datasheet
107Kb / 9P
LASER DIODE CONTROLLER WITH APC
logo
Texas Instruments
TNETX15AE TI-TNETX15AE Datasheet
1Mb / 78P
ADDRESS-LOOKUP DEVICE
logo
Micrel Semiconductor
SY88905 MICREL-SY88905_05 Datasheet
82Kb / 10P
LASER DIODE CONTROLLER WITH APC
logo
Summit Microelectronics...
SML2108 SUMMIT-SML2108 Datasheet
452Kb / 21P
Laser Diode Adaptive Power Controller
logo
List of Unclassifed Man...
ATLD201V1 ETC2-ATLD201V1 Datasheet
41Kb / 5P
Dual Mode 30MHz Modulation Laser Controller
logo
Analog Devices
ADP3153 AD-ADP3153_15 Datasheet
167Kb / 12P
5-Bit Programmable Dual Power Supply Controller
REV. 0
logo
Monolithic Power System...
HR1001A MPS-HR1001A Datasheet
1Mb / 25P
Enhanced LLC Controller with Adaptive Dead-Time Control
HR1001B MPS-HR1001B Datasheet
1Mb / 25P
Enhanced LLC Controller with Adaptive Dead-Time Control
logo
Renesas Technology Corp
ZL2004-01 RENESAS-ZL2004-01 Datasheet
409Kb / 8P
Adaptive Digital DC/DC Controller with Current Sharing
logo
Maxim Integrated Produc...
MAX31760 MAXIM-MAX31760 Datasheet
1Mb / 37P
Precision Fan-Speed Controller with Nonvolatile Lookup Table
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com