データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BLP05M7200 データシート(PDF) 2 Page - Ampleon Netherlands B.V.

部品番号 BLP05M7200
部品情報  Power LDMOS transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMPLEON [Ampleon Netherlands B.V.]
ホームページ  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLP05M7200 データシート(HTML) 2 Page - Ampleon Netherlands B.V.

  BLP05M7200 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLP05M7200 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLP05M7200 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLP05M7200 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLP05M7200 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLP05M7200 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLP05M7200 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLP05M7200 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLP05M7200 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BLP05M7200
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2017. All rights reserved.
Product data sheet
Rev. 5 — 27 June 2017
2 of 10
BLP05M7200
Power LDMOS transistor
2. Pinning information
[1]
Connected to flange.
3. Ordering information
4. Limiting values
[1]
Continuous use at maximum temperature will affect the reliability.
5. Thermal characteristics
Table 2.
Pinning
All pins must be connected for correct operation and to prevent damage to the device.
Pin
Description
Simplified outline
Graphic symbol
1, 2
drain
3, 4
gate
5source
[1]
4
3
1
2
4
5
3
2
1
aaa-008976
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BLP05M7200
HSOP4F plastic, heatsink small outline package; 4 leads (flat)
SOT1138-2
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
65
V
VGS
gate-source voltage
0.5
+13
V
Tstg
storage temperature
65
+150
C
Tcase
case temperature
-
150
C
Tj
junction temperature
[1]
-
225
C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ Unit
Rth(j-case) thermal resistance from junction to case
Tcase =80 C; PL =200 W
0.5
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com