| データシートサーチシステム |
|
ATAR080 データシート(PDF) 51 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATAR080 データシート(HTML) 51 Page - ATMEL Corporation |
|
51 / 68 page ![]() 51 ATAR080 4675D–4BMCU–12/04 Combination Modes The UTCM consists of one timer (Timer 2) and a serial interface. There is a multitude of modes in which the timers and serial interface can work together. The 8-bit wide serial interface operates as shift register for modulation. The modulator units work together with the timers and shift the data bits into or out of the shift register. Combination Mode Timer 2 and SSI Figure 52. Combination Timer 2 and SSI 4-bit Counter 2/1 RES OVF1 Compare 2/1 T2CO1 POUT CL2/2 DCG T2M1 P4CR 8-bit Counter 2/2 RES OVF2 Compare 2/2 T2CO2 T2CM Timer 2 - control TOG2 INT4 Bi-phase Manchester modulator OUTPUT MOUT T2O Timer 2 modulator output-stage T2M2 SO Control T2C CL2/1 T2I SYSCL T1OUT reserved SCL I/O-bus 8-bit shift register MSB LSB Shift_CL SO SIC1 SIC2 SISC SCLI Control STB SRB SI Output INT3 I/O-bus SSI-control TOG2 POUT T1OUT SYSCL Transmit buffer Receive buffer CM1 I/O-bus POUT SO SCL SC SD DCGO TOG2 |