データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LL4151 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 LL4151
部品情報  Small Signal Fast Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LL4151 データシート(HTML) 1 Page - Vishay Siliconix

  LL4151 Datasheet HTML 1Page - Vishay Siliconix LL4151 Datasheet HTML 2Page - Vishay Siliconix LL4151 Datasheet HTML 3Page - Vishay Siliconix LL4151 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LL4151
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 25-Feb-2020
1
Document Number: 85559
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Fast Switching Diode
ADDITIONAL RESOURCES
MECHANICAL DATA
Case: MiniMELF (SOD-80)
Weight: approx. 31 mg
Cathode band color: black
Packaging codes / options:
GS18/10K per 13
" reel (8 mm tape), 10K/box
GS08/2.5 per 7
" reel (8 mm tape), 12.5K/box
FEATURES
• Silicon epitaxial planar diodes
• Electrical data identical with the device 1N4151
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
• Extreme fast switches
333
DDD3 D
3D Models
PARTS TABLE
PART
ORDERING CODE
TYPE MARKING
CIRCUIT CONFIGURATION
REMARKS
LL4151
LL4151-GS18 or LL4151-GS08
-
Single
Tape and reel
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
VRRM
75
V
Reverse voltage
VR
50
V
Peak forward surge current
tp = 1 μs
IFSM
2A
Repetitive peak forward current
IFRM
500
mA
Forward continuous current
IF
300
mA
Average forward current
VR = 0
IF(AV)
150
mA
Power dissipation
Ptot
500
mW
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air
On PC board
50 mm x 50 mm x 1.6 mm
RthJA
500
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
-65 to +175
°C


同様の部品番号 - LL4151

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
LL4151 VISHAY-LL4151 Datasheet
51Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Shanghai Lunsure Electr...
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Diodes Incorporated
LL4151 DIODES-LL4151 Datasheet
49Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE
DS30070 Rev. B-2
logo
General Semiconductor
LL4151 GE-LL4151 Datasheet
146Kb / 4P
Small Signal Diodes
logo
Diotec Semiconductor
LL4151 DIOTEC-LL4151 Datasheet
172Kb / 2P
Surface Mount Silicon Planar Diodes
More results

同様の説明 - LL4151

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
Small Signal Fast Switching Diode
06-Apr-05
1N4448WS-V VISHAY-1N4448WS-V Datasheet
86Kb / 6P
Small Signal Fast Switching Diode
04-Sep-06
logo
SynSemi, Inc.
1N4148WS SYNSEMI-1N4148WS Datasheet
86Kb / 3P
SMALL SIGNAL FAST SWITCHING DIODE
logo
KODENSHI_AUK CORP.
SDS914 KODENSHI-SDS914 Datasheet
251Kb / 5P
Small Signal Fast Switching Diode
SDS2838EF KODENSHI-SDS2838EF Datasheet
265Kb / 5P
Small Signal Fast Switching Diode
SUD494J KODENSHI-SUD494J Datasheet
280Kb / 5P
Small Signal Fast Switching Diode
logo
Vishay Siliconix
LL4150 VISHAY-LL4150_12 Datasheet
58Kb / 4P
Small Signal Fast Switching Diode
01-Sep-10
LL4151 VISHAY-LL4151_12 Datasheet
59Kb / 4P
Small Signal Fast Switching Diode
01-Sep-10
LS4150 VISHAY-LS4150_12 Datasheet
95Kb / 4P
Small Signal Fast Switching Diode
14-Feb-12
BAS16-V-GS08 VISHAY-BAS16-V-GS08 Datasheet
140Kb / 5P
Small Signal Fast Switching Diode
09-Mar-06
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com